Part Number Hot Search : 
KIA7232S HA502 30200CT HLP5050 R71H222 ST56AP02 DD60KB 30200CT
Product Description
Full Text Search
 

To Download TC164-JR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t chip resistors arra y tc164 (8pin/4r) 5% product specification ? mar. 24, 2004 v.4 supersedes date of feb. 10, 2004
w ww.yageo.com mar. 24, 2004 v.4 chip resistor surface mount 2 7 series tc 164 type tc164 b (mm) 0.30.15 h (mm) 0.50.15 p (mm) 0.80.05 l (mm) 3.20.20 t (mm) 0.60.1 w 1 (mm) 0.30.15 w 2 (mm) 1.60.15 table 1 ynsc021 h a a p l b t w 1 w 2 fig. 2 tc164 series chip resistors construction dimension schematic r1 r2 r3 r4 ynsc022 12 87 3 6 4 5 fig. 3 equivalent circuit diagram for dimension see fig. 2 and table 1 r1=r2=r3=r4 tc164 first two digits for significant figure and 3rd digit for number of zeros letter r: decimal place marking fig. 1 5% marking, value=56 ? ynsc020 tc164 ? x x x xx xxxx ( 1 ) ( 2 ) ( 3 ) ( 4 ) ( 5 ) ( 1 ) tolerance j = 5% ( 2 ) packaging type r = paper taping reel ( 3 ) temperature characteristic of resistance g = 200ppm/c ? = base on spec ( 4 ) special type 07 = 7 inch dia. reel 13 = 13 inch dia. reel ( 5 ) resistance value: 56r, 560r, 5k6, 56k, 1m. scope this specification describes tc164 series chip resistors made by thick film process. ordering information part number is identified by the series, size, tolerance, packing style, temperature coefficient, special type and resistance value. concave termination
w ww.yageo.com mar. 24, 2004 v.4 chip resistor surface mount 3 7 series tc 164 characteristics tc164 1/16w operating temperature range ?55c to +155c maximum working voltage 50v maximum overload voltage 100v dielectric withstanding voltage 100v number of resistors 4 resistance range 10 ? to 1m ? zero ohm jumper <0.05 ? temperature coefficient 200ppm/c rated current 1.0a jumper criteria maximum current 2.0a electrical characteristics power rating r r a a t t e e d d p p o o w w e e r r a a t t 7 7 0 0 c c , , t t c c 1 1 6 6 4 4 = = 1 1 / / 1 1 6 6 w w f f o o r r e e l l e e m m e e n n t t r r a a t t e e d d v v o o l l t t a a g g e e : : the dc or ac (rms) continuous working voltage corresponding to the rated power is determined by the following formula: v= (p x r) where v=continuous rated dc or ac (rms) working voltage (v) p=rated power (w) r=resistance value ( x ) table 2 mra632 70 100 ? 55 50 t amb ( c) (%p rated ) 0 0 50 100 155 p max fig. 4 maximum dissipation (p max ) in percentage of rated power as a function of the operating ambient temperature (t amb )
w ww.yageo.com mar. 24, 2004 v.4 chip resistor surface mount 4 7 series tc 164 ccb325 empty compartments with cover tape (min. 240 mm) cover tape only leader 400 mm trailer (max. 260 mm) trailer end leader end fig. 7 leader and trailer tape dimension packing method l l e e a a d d e e r r / / t t r r a a i i l l e e r r t t a a p p e e s s p p e e c c i i f f i i c c a a t t i i o o n n packing style reel dimension tc164 paper taping reel (r) 7" (178 mm) 5,000 13" (330 mm) 20,000 g ewidth c d ba w t msa284_b dimension tc164 a (mm) 2.00.1 b (mm) 3.50.1 w (mm) 8.00.2 e (mm) 1.750.1 f (mm) 3.50.05 p 0 (mm) 4.00.1 p 1 (mm) 4.00.1 p 2 (mm) 2.00.05 ?d 0 (mm) 1.5+0.1/?0 t (mm) 0.850.1 paper tape specific a tion taping reel dimension tc164 ta p e width 8mm ?a (mm) 180+0/?3 ?b (mm) 60+1/?0 ?c (mm) 13.00.2 ?d (mm) 210.8 w (mm) 9.00.3 t (mm) 11.41 fig. 5 reel dimension table 3 table 4 table 5 packing style and packaging quantity for dimension see table 3 f w p 0 p 2 d 0 b a p 1 e mbd123_a t cover tape fig.6 paper tape dimension for dimension see table 4
w ww.yageo.com mar. 24, 2004 v.4 chip resistor surface mount 5 7 series tc 164 type test method acceptance standard formula temperature coefficient o f resistance (t.c.r.) measure resistance at +25c or specified room temperature as r 1 , then measure at ?55c or +155c respectively as r 2 . determine the temperature coefficient of resistance from the following formula: t.c.r. = ------------------------- 1 0 6 (ppm/c) where t 1 =+25c or specified room temperature t 2 =?55c or +155c test temperature r 1 =resistance at reference temperature in ohms r 2 =resistance at test temperature in ohms refer to table 2 thermal shoc k at ?553c for 2 minutes and at +1552c for 2 minutes as one cycle. after 5 cycles, the specimen shall be stabilized at room temp. measure the resistance to determine r/r(%) after one more hour. (1.0%+0.05 ? ) low temperature operation place the specimen in a test chamber ma intained at ?65 (+0/?5)c. after one hour stabilization at this temperature, full ra ted working voltage shall be applied for 45 (+5/?0) minutes. have15 (+5/?0 ) minutes af ter remove the voltage, the specimen shall be removed from the chamber and stab ilized at room temperature for 24 hrs. measure the resistance to determine r/r(%). (1.0%+0.05 ? ) no visible damage short time overload apply 2.5 times of rated voltage but no t exceeding the maximum overload voltage for 5 seconds. have the sp ecimen stabilized at room temperature for 30 minutes minimum. measure the resistance to determine r/r(%). (2.0%+0.05 ? ) no visible damage insulation resistance place the specimen in the jig and apply a rated continues overload volt age (r.c.o.v) for one minute as shown. measure the insulation resistance. type tc164 voltage (dc) 100v 10,000m ? dielectric withstand voltage place the specimen in the jig and apply a specified value continuous overload voltage as shown for one minute. type tc164 voltage (ac) 100vrms breakdown voltage> specification and without open/short resistance to soldering heat immerse the specimen in the solder po t at 2605c. for 101 seconds. have the specimen stabilized at room temp erature for 30 mi nutes minimum. measure the resistance to determine r/r(%). (1.0%+0.05 ? ) no visible damage r 2 ?r 1 r 1 (t 2 ?t 1 )
w ww.yageo.com mar. 24, 2004 v.4 chip resistor surface mount 6 7 series tc 164 type test method acceptance standard moisture resistance place the specimen in the test chamber and subject to 42 damp heat cycles. each one of which consists of the steps 1 to 7 as figure 9. the total length of test is 1,000 hours. have the specimen stabilized at r oom temperature for 24 hours after testing. measure the resistance to determine r/r(%). (2.0%+0.05 ? ) no visible damage life place the specimen in the oven at 702c. apply the rated voltage to the specimen at the 1.5 hours on and 0.5 hour off cycle. the total length of test is 1,000 hours. have the specimen stabilized at room temperature for one hour minimum after testing. measure the r/r(%). (3.0%+0.1 ? ) no visible damage solderabilit y immerse the specimen in the so lder pot at 2355c for 5 sec. at least 95% solder coverage on the termination bending strength mount the specimen on a test board as shown in the figure 8. slowly apply the force till the board is bent for 51 sec. measure the r/r(%) at this position. type tc164 bent distance (d) 1mm (1.0%+0.05 ? ) no visible damage fig. 8 principle of the bending test
w ww.yageo.com mar. 24, 2004 v.4 chip resistor surface mount 7 7 series tc 164 75 initial drying 24 hours 90 ? 98% rh 80 ? 98% rh temperature tolerance 2 c (3.6 f) unless otherwise specified initial measurements as specified in 2.2 0 step1 step3 step2 prior to first cycle only step4 one cycle 24 hours; repeat as specified in 2.5 voltage applied as specified in 2.4 circulation of conditioning air shall be at a minimum cubic rate per minute equivalent to 10 times the volume of the chamber step6 step7 hbk073 step5 51015 end of final cycle; measurements as specified in 2.7 optional sub-cycle if specified (2.3); sub-cycle performed during any 5 of the first 9 cycles; humidity uncontrolled during sub-cycle 20 time [h] temperature [ c] 25 50 25 0 90 ? 98% rh 90 ? 98% rh + 10 c ( + 18 f) ? 2 c ( ? 3.6 f) 80 ? 98% rh rate of change of temperature is unspecified, however, specimens shall not be subjected to radiant heating from chamber conditioning processes fig. 9 conditions by change of temperature


▲Up To Search▲   

 
Price & Availability of TC164-JR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X